|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
EES-5610 Intel(R) Pentium(R) III / Celeron(R) Mini PC Features n Supports Intel(R) Pentium(R) III / Celeron(R) CPU n VIA VT82C694X Chipset n 6 x LED for PWR, HDD, LAN n External DVI Interface n AC97 Audio n Dual Intel(R) 82559ER 10/100Mbps LAN n Type I/II CF n 4 COM, 2 USB 1.1 n Aluminum Alloy Chassis with Detachable Power Supply DVI 2 LAN 4 COM * USB Port * Parallel Port * Mouse & KB 2 x USB 1.1 ports 1 x DB-25 2 x PS/2 mini DIN TV OUT S-VIDEO LINE LINE MIC OUT IN IN K/B USB LAN 1 VGA Panel Ordering Information * EES-5610 Intel(R) Pentium(R) III / Celeron(R) Mini PC with VGA, Audio, Dual LAN, CF, 4 COM, & 2 USB 1.1 Same as above, but with Single LAN CompactFlash Card Series (xx = Capacity, Capacity Option: 8, 16, 32, 64, 128, 256, 512 MB) w w w . e v a l u e t e c h . c o m Power Supply Unit * Power Input * Power Output 90 ~ 264 Vac / 47 ~ 63 Hz +5 Vdc @ 13 A; +12 Vdc @ 3 A; -12 Vdc @ 0.5 A * EES-5610L * ACC-CFC-xx 10-12 O I Barebone Specifications System * CPU * BIOS * System Chipset * I/O Chip * System Memory * SSD * Watchdog Timer * Display * Audio * Ethernet * System Indicators * HDD Supports Intel(R) Pentium(R) III / Celeron(R) & VIA C3 Award 256 KB Flash BIOS VIA Apollo Pro 133A VT82C694X/VT82C686B VIA VT82C686B/Winbond W83977EF-AW One 168-pin DIMM socket supports up to 512 MB SDRAM One CompactFlash Type I/II socket Reset/IRQx; 32 sec.~254 min. and 1 min./step SMI Lynx3DM SM721 2D/3D graphics accelerator with embedded 4 MB SGRAM AC97 Audio Dual Intel(R) 82559ER 10/100Base-Tx Fast Ethernet controllers 6 LED indicators show the power, HDD, and LAN status Mounting kit for one 2.5" HDD 222 Mechanical & Environmental * Operating Temperature * Storage Temperature * Relative Humidity * Dimensions (W x H x D) * Weight * Mounting 0 to 40C (32~104F) -20 to +75C (-4~167F) 5 to 90% @ 40C (104F), relative humidity, noncondensing 12.7" x 2.66" x 8.74" (322 mm x 67.5 mm x 222 mm) 7.48 lbs (3.4 Kgs) Desktop 67.5 230 322 External I/O * COM Port * LAN Port * VGA/LCD Port * Audio Port 3 x RS-232, 1 x RS-232/422/485 2 x RJ-45 1 x DB-15 / 24-pin DVI Mic-in, Line-in, Line-out COM 1 MOUSE LAN 0 COM 2 COM 3 COM 4 PRINTER Unit: mm |
Price & Availability of EES-5610 |